Part Number Hot Search : 
1102B TCJA106M D150M UNR4119 512K3 H7P0601 ID301 MHR66TF
Product Description
Full Text Search
 

To Download 2FAF-C10R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

Applications

Bidirectional EMI filtering ESD protection > 25k volts Protects four data lines
Cell phones PDAs and notebooks Digital cameras MP3 players and GPS
2FAF-C10R - Integrated Passive & Active Device
General Information The 2FAF-C10R device, manufactured using Thin Film on Silicon technology, provides ESD protection and EMI filtering for the data port of portable electronic devices such as cell phones, modems and PDAs. The device incorporates four low pass filter channels where each channel has a series 100 ohm resistor assuring a minimum of -28 dB attenuation from 800 MHz to 3 GHz. The device is suitable for EMI filtering of GSM, CDMA, W-CDMA, WLAN and Bluetooth frequencies. Each internal and external port of the four channels includes a TVS diode for ESD protection. The ESD protection provided by the component enables a data port to withstand a minimum 8 KV Contact / 15 KV Air Discharge per the ESD test method specified in IEC 61000-4-2. The device measures 1.22 mm x 2.38 mm and is available in a 10 bump CSP package intended to be mounted directly onto an FR4 printed circuit board. The CSP device meets typical thermal cycle and bend test specifications without the use of an underfill material.
SOLDER BUMPS SILICON DIE
Electrical & Thermal Characteristics
Electrical Characteristics
(TA = 25 C unless otherwise noted) Per Line Specification Resistance Capacitance @ 2.5 V 1 MHz Rated Standoff Voltage Breakdown Voltage @ 1 mA Forward Voltage @ 10 mA Leakage Current @ 3 V Filter Attenuation @ 800-3000 MHz ESD Protection: IEC 61000-4-2 Contact Discharge Air Discharge
Symbol
R C VWM VBR VF IR S21
Minimum
80 24 6.0
Nominal
100 30 5.0 0.8 0.05 -35
Maximum
120 36
Unit
pF V V V A dB kV kV
0.1
-28 8 15
Thermal Characteristics
(TA = 25 C unless otherwise noted) Operating Temperature Range Storage Temperature Range Power Dissipation per Resistor TJ TSTG PD -40 -55 25 25 +85 +150 100 C C mW
Reliable Electronic Solutions
Asia-Pacific: TEL +886- (0)2 25624117 * FAX +886- (0)2 25624116 Europe: TEL +41-41 768 5555 * FAX +41-41 768 5510 North America: TEL +1-951 781-5492 * FAX +1-951 781-5700
www.bourns.com
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
2FAF-C10R - Integrated Passive & Active Device
Mechanical Characteristics This is a silicon-based device and is packaged using chip scale packaging technology. Solder bumps, formed on the silicon die, provide the interconnect medium from die to PCB. The bumps are arranged on the die in a regular grid formation. The grid pitch is 0.5 mm and the dimensions for the packaged device are shown below.
0.432 - 0.559 (0.017 - 0.022) 0.3 DIA. (0.012)
A1
B1
A2
B2
0.495 - 0.505 (0.019 - 0.020)
A3 B3
2.362 - 2.413 (0.093 - 0.095)
A4
B4
0.180 - 0.280 (0.007 - 0.011)
A5 B5
DIMENSIONS = 0.330 - 0.457 (0.013 - 0.018) 0.180 - 0.280 (0.007 - 0.011) 0.495 - 0.505 (0.019 - 0.020) 1.173 - 1.250 (0.046 - 0.049)
MILLIMETERS (INCHES)
Reliability Data Reliability data is gathered on an ongoing basis for Bourns(R) Integrated Passive and Active Devices. "Package level" testing of the integrity of the solder joint is carried out on an independent Daisy-Chain test device. A 25-Pin Daisy Chain component is available from Bourns for this purpose (part number 2TAD-C25R). This is a 5 x 5 array featuring 0.5 mm pitch solder bumps. The Distance to Neutral Point (DNP) on that component is larger than that of the 2FAF-C10R and is thus deemed suitable for Thermal Cycle testing. "Silicon level" reliability performance is based on similarity to other integrated passive CSP devices from Bourns. Frequency Response
0 -10 -20 -30 -40 -50 -60 0.1
Loss - dB
1.0
10.0
100.0
1000.0
1000.0
Frequency - MHz
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
2FAF-C10R - Integrated Passive & Active Device
Block Diagram The CSP device block diagram below includes the pin names and basic electrical connections associated with each channel. PCB Design and SMT Processing Please consult the "Bourns Design Guide Using CSP" for notes on PCB design and SMT Processing.
EXT1
R1: 100 ohms
INT1
How to Order
GND
2 FAF - C10R__
Thinfilm Model Chipscale No. of Solder Bumps Packaging Option R = Tape and Reel Packaged 5000 pcs. / 7 " reel
EXT2 R2: 100 ohms
INT2
EXT3
R3: 100 ohms
INT3
GND
EXT4 R4: 100 ohms
INT4
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
2FAF-C10R - Integrated Passive & Active Device
Device Pin Out The pin-out for the device is shown below with the bumps facing up.
A
EXT1
B 2 3
INT1
1 2 3 4 5
1
EXT2
INT2
Pin Out A1 A2 A3 A4 A5
Function EXT1 EXT2 GND EXT3 EXT4
Pin Out B1 B2 B3 B4 B5
Function INT1 INT2 GND INT3 INT4
GND
GND
EXT3
INT3
EXT4
INT4
Packaging The surface mount product is packaged in an 8 mm x 4 mm Tape and Reel format per EIA-481 standard.
TOP SIDE VIEW (INTO COMPONENT POCKET) DIMENSIONS = 0.3 0.05 (.01 .002) 2.0 0.05 (.08 .002) 4.0 0.1 (.16 .004) 1.5 0.1/-0 (.06 .004/-0) DIA. MILLIMETERS (INCHES)
1.75 0.1 (.07 .004)
R
0.3 MAX. (0.01)
8.0 0.3 (.31 .01) 3.50 0.05 (.14 .002) 1.40 0.1 (0.06 0.004) 4.0 0.1 (.16 .004) R 0.25 TYP. (0.010)
0.76 0.1 (.03 .004)
2.56 0.1 (.10 .004)
ORIENTATION OF COMPONENT IN POCKET BACKSIDE FACING UP
COPYRIGHT(c) 2004, BOURNS, INC. LITHO IN U.S.A. 08/04 e/IPA0411 2FAF-C10R REV. A, 8/04
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 2FAF-C10R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X